PART |
Description |
Maker |
LAA127 LAA127STR LAA127P LAA127PTR LAA127S |
Ground Fault Circuit Interrupter Receptacle; Current Rating:20A; Voltage Rating:125V; Electrical Outlet Style:NEMA 5-20R ; Mounting Type:Screw; Body Material:Thermoplastic; Color:Red; Operating Temp. Min:-35 C; Pack Quantity:1 RoHS Compliant: Yes DUAL POLE OptoMOS Relay
|
CLARE[Clare, Inc.]
|
A23L8316V-70 A23L8308 A23L8316 A23L83161 A23L83161 |
Power Resistor; Series:MK; Resistance:200kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C CAT5E PATCH CORD 25 FOOT BLACK 256K X 16 / 512K X 8 BIT CMOS MASK ROM 256 × 16 /12k × 8位CMOS掩膜ROM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
ZQ3508 ZQ3501 ZQ3504 ZQ3502 ZQ3500 ZQ3506 ZQ3510 |
Rating at 25 Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load. Rating at 25?/a> Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronics Co., Ltd. Gaomi Xinghe Electronic...
|
ARB25M ARB25H ARB25L |
Rating at 25?Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronic...
|
ZQ5001 ZQ5010 ZQ5004 ZQ5006 ZQ5002 ZQ5008 |
Rating at 25 Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronics Co., Ltd.
|
D25SB10 D25SB20 D25SB40 D25SB60 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. 最大额定
|
乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
X0202MA X0202MA1BA2 X0202MA2BL2 X0202MA5BA4 X0202M |
1.25A SCRs Supercapacitor; Capacitance:3.3F; Series:EDL; Voltage Rating:2.3VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Radial; Termination:Radial Leaded; ESR:0.3ohm; Lead Pitch:5mm; Operating Temp. Max:70 C RoHS Compliant: Yes 1.25A的可控硅 1.25A SCRs 1.25A的可控硅 MICA RoHS Compliant: No CAT 5E SOLID PLNM CBL STRGHT PIN,350MHZ-GREEN Supercapacitor; Capacitance:1F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:30ohm; Lead Pitch:5mm; Operating Temp. Max:70 C RoHS Compliant: Yes Supercapacitor; Capacitance:0.047F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin Supercapacitor; Capacitance:0.022F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:150ohm; Lead Pitch:5mm; Operating Temp. Max:70 C RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
VND05BSP VND05 VND05BSP13TR -VND05BSP |
CAPACITOR, CLASS Y2 4.7NFCAPACITOR, CLASS Y2 4.7NF; Capacitance:4.7nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. ISO HIGH SIDE SMART POWER SOLID STATE RELAY DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PUMA68S4000/I-45 PUMA68S4000/M-45 PUMA68S4000/AI-3 |
24MHZ, TQFP, IND TEMP, GREEN(MCU 5X) 33MHZ, PLCC, COM TEMP(MCU 5X) 8051 32K FLASH 4 TO 5.5V,PDIP,GREEN(MCU 5X) 24MHZ, PDIP, IND TEMP(MCU 5X) x32 SRAM Module 20MHZ, TSSOP, IND TEMP, 2.4-5.5V(MCU 5X) 24MHZ, TQFP, COM TEMP(MCU 5X) X32号的SRAM模块
|
L-com, Inc.
|